Part Number Hot Search : 
2SK33 KTLP160J BCM7315 C128IS UL2054 20000 AN260 TPC13A
Product Description
Full Text Search
 

To Download 32FB4410-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type MPF AC Motor Run Capacitors
Oval and Round, Oil Filled, 70 C, Metallized Polypropylene Capacitors
Type MPF AC metallized polypropylene film dielectric capacitors offer a reliable option for alternating current applications. All devices are oil filled in metal cases with 4-prong quick disconnect terminals for easy assembly. These capacitors pack high capacitance and voltage capabilities into a small, light-weight package. The MPF is internally protected for fail-safe operation. These capacitors have extremely low DF that is ideal for AC motor-run applications.
Highlights
* * * * * * * * Low DF Protected with a pressure sensitive interrupter Small size and light weight UL E71645 CSA 219950 Air conditioning and refrigeration applications Power factor correction Motors
Specifications
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
Outline Drawings
Style 32 37 38 A 1 5/16" 1 29/32" 1 31/32" B
Capacitance Range: Voltage Ratings: Capacitance Tolerance: Operating Temperature Range: Operating Frequency: Dissipation Factor:
Oval D 13/16" 13/16" 13/16" Industry Type 11/4" Flat Oval 13/4" Flat Oval 2.0" Flat Oval
1 to 80 F 330 Vac, 370 Vac, 440 Vac 10% -40 C to +70 C 50 to 60 Hz 0.1% max @ 60 Hz
Round Style 21 23 24 A 13/4" 2.0" 21/2" B 1" 2" 2" D 13/16" 13/16" 13/16" Industry Type 13/4" Round 2.0" Round 21/2" Round
2 5/32" 2 29/32" 3 21/32"
*See Ratings Table for "H" dimension
*See Ratings Table for "H" dimension
Style 32, 37,38
D
B .030"
A .030"
Style 21, 23, 24
D
B .030"
H .250"
.5"
A .030"
H .250"
.5"
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type MPF AC Motor Run Capacitors
Ratings
Oval
Base Cap (F) 1.0 2.0 3.0 4.0 5.0 6.0 7.5 10.0 12.5 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 30.0 35.0 35.0 40.0 40.0 45.0 45.0 50.0 70.0 1.0 2.0 3.0 4.0 5.0 6.0 7.5 7.5 10.0 10.0 12.5 15.0 17.5 20.0 20.0 25.0 25.0 30.0 35.0 35.0 40.0 40.0 45.0 50.0 55.0 60.0 Volts (Vac) Style Height (In.) Catalog Part Number Cap (F) 32FD3701-F 32FD3702-F 32FD3703-F 32FD3704-F 32FD3705-F 32FD3706-F 32FD37075-F 32FD3710-F 32FD37125-F 37FD37125-F 37FD3715-F 37FD37175-F 37FD3720-F 37FD37225-F 37FD3725-F 38FD37275-F 37FD3730-F 38FD3730-F 37FD3735-F 38FD3735-F 37FD3740-F 38FD3740-F 37FD3745-F 38FD3745-F 38FD3750-F 38FD3770-F 32FB4401-F 32FB4402-F 32FB4403-F 32FB4404-F 32FB4405-F 32FB4406-F 32FB44075-F 37FB44075-F 32FB4410-F 37FB4410-F 37FB44125-F 37FB4415-F 37FB44175-F 37FB4420-F 38FB4420-F 37FB4425-F 38FB4425-F 38FB4430-F 37FB4435-F 38FB4435-F 37FB4440-F 38FB4440-F 38FB4445-F 38FB4450-F 38FB4455-F 38FB4460-F 15 20 20 22.5 22.5 25 25 30 30 35 35 40 40 45 50 55 60 70 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 3.0 4.0 5.0 6.0 7.0 8.0 10.0 12.5 15.0 17.5 20 25 25 30 30 35 35 40 40 2.13 2.13 2.38 2.38 2.63 2.63 2.63 2.63 3.75 2.63 2.63 2.63 2.63 3.00 3.00 3.75 3.75 3.75 4.75 3.75 4.75 3.75 3.75 3.75 4.75 4.75 45 45 50 50 55 55 60 60 65 70 80 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 3.0 4.0 5.0 6.0 7.0 8.0 10.0 Volts (Vac)
Round
Base Style Height (In.) Catalog Part Number
370 Vac
370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 370 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 440 32 32 32 32 32 32 32 32 32 37 37 37 37 37 37 38 37 38 37 38 37 38 37 38 38 38 2.13 2.13 2.13 2.13 2.38 2.38 2.38 2.63 3.00 2.63 2.63 2.63 2.63 2.63 2.63 3.00 3.00 3.00 3.75 3.00 3.75 3.00 3.75 3.00 3.00 3.75 330 330 330 330 330 330 330
330 Vac
23 23 23 23 23 23 23 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 2.63 3.00 3.00 3.00 3.00 3.75 3.00 3.75 3.00 3.75 3.00 3.75 3.00 3.75 3.00 3.75 3.00 3.75 3.75 4.75 2.63 3.00 3.00 3.00 3.00 3.75 3.00 3.75 3.00 3.75 3.00 3.75 3.75 3.75 3.75 3.75 4.75 4.75 23FD3303-F 23FD3304-F 23FD3305-F 23FD3306-F 23FD3307-F 23FD3308-F 23FD3310-F 21FD3703-F 21FD3704-F 21FD3705-F 21FD3706-F 21FD3707-F 21FD3708-F 21FD3710-F 21FD37125-F 21FD3715-F 21FD37175-F 21FD3720-F 21FD3725-F 23FD3725-F 21FD3730-F 23FD3730-F 21FD3735-F 23FD3735-F 21FD3740-F 23FD3740-F 23FD3745-F 24FD3745-F 23FD3750-F 24FD3750-F 23FD3755-F 24FD3755-F 23FD3760-F 24FD3760-F 24FD3765-F 24FD3770-F 24FD3780-F 21FB4415-F 21FB4420-F 23FB4420-F 21FB44225-F 23FB44225-F 21FB4425-F 23FB4425-F 23FB4430-F 24FB4430-F 23FB4435-F 24FB4435-F 23FB4440-F 24FB4440-F 24FB4445-F 24FB4450-F 24FB4455-F 24FB4460-F 24FB4470-F
370 Vac
21 21 21 21 21 21 21 21 21 21 21 21 23 21 23 21 23 21 23 23 24 23 24 23 24 23 24 24 24 24
440 Vac
32 32 32 32 32 32 32 37 32 37 37 37 37 37 38 37 38 38 37 38 37 38 38 38 38 38
440 Vac
21 21 23 21 23 21 23 23 24 23 24 23 24 24 24 24 24 24
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type MPF AC Motor Run Capacitors
Hardware for Round and Oval Metals Cans Oval Capacitor Hardware
Mounting Brackets #32107
Case Code A C D Bracket 32107-1 32107-2 32107-3
End Mount Footed Bracket (2 required) #30434
H (Inches)
End Mount
Side Mount
2.13 2.38 2.63 2.88 3.13 3.50 3.75 3.88 4.25 4.75 5.13 5.25 5.75 6.25 6.75 7.25 8.00 9.00
30434-33 30434-37 34434-41 34434-45 34434-49 34434-55 34434-59 34434-61 34434-67 34434-75 34434-81 34434-83 34434-91 34434-99 34434-107 34434-115 34434-127 34434-143
31762-45 31762-46 31762-47 31762-48 31762-49 31762-50 31762-83 31762-51 31762-52 31762-54 31762-132 31762-55 31762-56 31762-59 31762-60 31762-62 31762-63 31762-78
Side Mount Footed Bracket (2 required) #31762
Insulating Terminal Boots UL Approved Material Wrap Around Bracket
Case Code A C D Bracket 30393-5 30393-9 OB3
Round Capacitor Hardware
3 Footed Round Mounting Bracket
Case Code P S T Bracket VR6B VR8B VR10B
2 Footed Round Mounting Bracket
Case Code P S T Bracket 32107-6 32107-7 32107-8
Wrap Around Bracket
Case Code P S T Bracket RB175 RB200 RB250
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 32FB4410-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X